Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE9120 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE9120
Description  SE9120??툜?②?溫←쉪訝랺E9020?띶릦鵝욜뵪?꾥뒸?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9120 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE9120 Datasheet HTML 1Page - Seaward Electronics Inc. SE9120 Datasheet HTML 2Page - Seaward Electronics Inc. SE9120 Datasheet HTML 3Page - Seaward Electronics Inc. SE9120 Datasheet HTML 4Page - Seaward Electronics Inc. SE9120 Datasheet HTML 5Page - Seaward Electronics Inc. SE9120 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011/09/20
内容如有变动,恕不先行通知
北京思旺电子技术有限公司 • www.seawardinc.com.cn • 第 2 页
应用图
SE9120 应用图
特性:
• 自动识别电池极性
• 电池接入后自动显示电池电量;
• 充电过程能够显示电量 40%, 60%, 80%和 100%四个状态;
• R2 可根据 LCD 的要求选择,可省去。
• R1 和 Red LED 用来指示电池是否接入,可不选。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com