Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2900 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2900 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2900 Datasheet HTML 17Page - Texas Instruments PCM2900 Datasheet HTML 18Page - Texas Instruments PCM2900 Datasheet HTML 19Page - Texas Instruments PCM2900 Datasheet HTML 20Page - Texas Instruments PCM2900 Datasheet HTML 21Page - Texas Instruments PCM2900 Datasheet HTML 22Page - Texas Instruments PCM2900 Datasheet HTML 23Page - Texas Instruments PCM2900 Datasheet HTML 24Page - Texas Instruments PCM2900 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PCM2900
PCM2902
SLES035B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
21
Analog Out
Analog In
Default
End-Point
End-Point #2
(IF #1)
Audio Streaming
Interface
End-Point #0
End-Point #4
(IF #2)
Audio Streaming
Interface
End-Point #5
(IF #3)
HID Interface
IT
TID1
FU
UID3
OT
TID5
OT
TID2
IT
TID4
Standard Audio Control Interface (IF #0)
PCM2900/2902
Figure 31. USB Audio Function Topology
Interface #0
Interface #0 is defined as the control interface. Alternative setting #0 is the only possible setting for interface
#0. Alternative setting #0 describes the standard audio control interface. A terminal constructs the audio control
interface. The PCM2900/2902 has five terminals as follows:
D Input terminal (IT #1) for isochronous-out stream
D Output terminal (OT #2) for audio analog output
D Feature unit (FU #3) for DAC digital attenuator
D Input terminal (IT #4) for audio analog input
D Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as USB stream (terminal type 0x0101). Input terminal #1 can accept 2-channel audio
streams constructed by left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a microphone (terminal type 0x0201). Output terminal #5 is defined
as a USB stream (terminal type 0x0101). Output terminal #5 can generate 2-channel audio streams constructed
by left and right channels. Feature unit #3 supports the following sound control features.
D Volume control
D Mute control
The built-in digital volume controller can be manipulated by an audio class specific request from 0 dB to –64 dB
in 1-dB steps. Changes are made by incrementing or decrementing by one step (1 dB) for every 1/fS time interval
until the volume level has reached the requested value. Each channel can be set for different values. The master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com