Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8028 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA8028 Datasheet HTML 1Page - NXP Semiconductors SA8028 Datasheet HTML 2Page - NXP Semiconductors SA8028 Datasheet HTML 3Page - NXP Semiconductors SA8028 Datasheet HTML 4Page - NXP Semiconductors SA8028 Datasheet HTML 5Page - NXP Semiconductors SA8028 Datasheet HTML 6Page - NXP Semiconductors SA8028 Datasheet HTML 7Page - NXP Semiconductors SA8028 Datasheet HTML 8Page - NXP Semiconductors SA8028 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2
2002 Feb 22
853-2277 27777
GENERAL DESCRIPTION
The SA8028 BICMOS device integrates programmable dividers,
charge pumps and phase comparators to implement phase–locked
loops. The device is designed to operate from 3 NiCd cells, in
pocket phones, with low current and nominal 3 V supplies.
The synthesizer operates at VCO input frequencies up to 2.5 GHz.
The synthesizer has fully programmable RF, IF, and reference
dividers. All divider ratios are supplied via a 3-wire serial
programming bus. The RF divider is a fractional-N divider with
programmable integer ratios from 33 to 509 and a fractional
resolution of 22 programmable bits (23 bits internal). A 2nd order
sigma-delta modulator is used to achieve fractional division.
Separate power and ground pins are provided to the charge pumps
and digital circuits. VDDCP must be equal to or greater than VDD.
The ground pins should be externally connected to prevent large
currents from flowing across the die and thus causing damage.
The charge pump current (gain) is fully programmable, while ISET is
set by an external resistance at the RSET pin (refer to section 1.5,
RF and IF Charge Pumps). The phase/frequency detector charge
pump outputs allow for implementing a passive loop filter.
FEATURES
• Extremely low phase noise:
L(f) = –101 dBc/Hz at 5 kHz offset at 800 MHz
• Low power
• Programmable Normal & Integral charge pump outputs:
Maximum output = 10.4 mA
• Digital fractional spurious compensation
• Hardware and software power-down
• I
DDsleep < 0.1 µA (typ) at VDD = 3.0 V
• Seperate supply for V
DD and VDDCP
• Programmable loop filter bandwidth
APPLICATIONS
• 500 to 2500 MHz wireless equipment
• Cellular phones, all standards including:
CDMA
: IS95-B,C WCDMA
3G
: WCDMA / UMTS
GSM
: EDGE / GPRS
TDMA
: IS136 and EDGE
GAIT
: GSM and TDMA
• WLAN
• Wireless PDAs
• Satellite tuners and all other high frequency equipment
• Extreme fine frequency resolution applications
13
7
2
3
4
5
6
TOP VIEW
1
8
9
10
11
12
14
15
16
17
18
19
20
21
22
23
24
CLOCK
REFin+
REFin–
SR02176
N/C
VDDPre
GND
GNDPre
RFin+
RFin–
GNDCP
VDDCP
RSET
Figure 1.
HBCC24 pin configuration.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SA8028W
HBCC24
Plastic, heatsink bottom chip carrier; 24 terminals; body 4 x 4 x 0.65 mm (CSP package)
SOT564-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com