Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8028W Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA8028W
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028W Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA8028W Datasheet HTML 9Page - NXP Semiconductors SA8028W Datasheet HTML 10Page - NXP Semiconductors SA8028W Datasheet HTML 11Page - NXP Semiconductors SA8028W Datasheet HTML 12Page - NXP Semiconductors SA8028W Datasheet HTML 13Page - NXP Semiconductors SA8028W Datasheet HTML 14Page - NXP Semiconductors SA8028W Datasheet HTML 15Page - NXP Semiconductors SA8028W Datasheet HTML 16Page - NXP Semiconductors SA8028W Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
13
SR02380
POWER–ON
PROGRAM C WORD
–
SELECT SA
–
SET CHARGE PUMP GAIN
–
SET IF DIVIDER
–
SELECT LOCK DETECT
PROGRAM B WORD
–
SET RF DIVIDER N
–
SET POWER-UP OPTION
–
SET REF DIVIDER
–
SET RESET-BITS
PROGRAM A WORD
–
SET FRACTIONAL VALUE K
READY TO OPERATE
CHANGE
FRACTIONAL
VALUE K
CHANGE
RF DIVIDER N
CHANGE
IF
FREQUENCY
POWER
DOWN
POWER
UP
POWER
OFF
Y
Y
Y
N
N
N
N
N
PROGRAM C WORD
PROGRAM B WORD
PROGRAM B WORD
Y
PROGRAM D WORD
–
SET DEFAULT
Y
PROGRAM A WORD
Figure 10.
Typical programming sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com