Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8420A Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8420A Datasheet HTML 35Page - National Semiconductor (TI) DP8420A Datasheet HTML 36Page - National Semiconductor (TI) DP8420A Datasheet HTML 37Page - National Semiconductor (TI) DP8420A Datasheet HTML 38Page - National Semiconductor (TI) DP8420A Datasheet HTML 39Page - National Semiconductor (TI) DP8420A Datasheet HTML 40Page - National Semiconductor (TI) DP8420A Datasheet HTML 41Page - National Semiconductor (TI) DP8420A Datasheet HTML 42Page - National Semiconductor (TI) DP8420A Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
100 Dual Accessing (DP8422A) (Continued)
Since the DP8422A has only one set of address inputs the
signal is used with the addition of buffers to allow the cur-
rently granted port’s addresses to reach the DP8422A The
signals which need to be bufferred are R0 – 10 C0 – 10
B0 – 1 ECAS0–3 WE and LOCK All other inputs are not
common and do not have to be buffered as shown in
Figure
34a If a Port which is not currently granted tries to access
the DRAM array the GRANTB output will transition from a
rising clock edge from AREQ or AREQB negating and will
precede the RAS for the access by one or two clock peri-
ods GRANTB will then stay in this state until the other port
requests an access and the currently granted port is not
accessing the DRAM as shown in
Figure 34b
TLF8588 – 55
If Port B is synchronous the Request Synchronizing logic will not be required
FIGURE 34a Dual Accessing with the DP8422A (System Block Diagram)
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com