Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8NH3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL8NH3LL
Description  N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8NH3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STL8NH3LL Datasheet HTML 1Page - STMicroelectronics STL8NH3LL Datasheet HTML 2Page - STMicroelectronics STL8NH3LL Datasheet HTML 3Page - STMicroelectronics STL8NH3LL Datasheet HTML 4Page - STMicroelectronics STL8NH3LL Datasheet HTML 5Page - STMicroelectronics STL8NH3LL Datasheet HTML 6Page - STMicroelectronics STL8NH3LL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STL8NH3LL
2/7
Table 3: Absolute Maximum ratings
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On /Off
Table 6: Dynamic
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS= 0)
30
V
VDGR
Drain-gate Voltage (RGS= 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID (1)
Drain Current (continuous) at TC= 25°C (Steady State)
8A
ID (2)
Drain Current (continuous) at TC= 100°C (Steady State)
5A
IDM (3)
Drain Current (pulsed)
32
A
PTOT (1)
Total Dissipation at TC= 25°C
50
W
PTOT (2)
Total Dissipation at TC= 25°C (Steady State)
1.56
W
Derating Factor (2)
0.4
W/°C
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Max. Operating Junction Temperature
Rthj-Case
Thermal Resistance Junction-Case Max
2.5
°C/W
Rthj-a (4)
Thermal Operating Junction-ambient
80
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source Breakdown
Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
± 100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on
Static Drain-source On
Resistance
VGS = 10 V, ID = 4 A
VGS = 4.5 V, ID = 4 A
0.012
0.0135
0.015
0.017
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (5)
Forward Transconductance
VDS = 15V, ID= 4A
TBD
S
Ciss
Input Capacitance
VDS= 25V, f= 1 MHz, VGS= 0
965
pF
Coss
Output Capacitance
285
pF
Crss
Reverse Transfer
Capacitance
38
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com