Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5112 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5112
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5112 Datasheet HTML 1Page - Texas Instruments TAS5112 Datasheet HTML 2Page - Texas Instruments TAS5112 Datasheet HTML 3Page - Texas Instruments TAS5112 Datasheet HTML 4Page - Texas Instruments TAS5112 Datasheet HTML 5Page - Texas Instruments TAS5112 Datasheet HTML 6Page - Texas Instruments TAS5112 Datasheet HTML 7Page - Texas Instruments TAS5112 Datasheet HTML 8Page - Texas Instruments TAS5112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
DIGITAL AMPLIFIER POWER STAGE
TM
FEATURES
D 50 W per Channel (BTL) Into 6 Ω (Stereo)
D 95-dB Dynamic Range With TAS5026
D Less Than 0.1% THD+N (1 W RMS Into 6 Ω)
D Less Than 0.2% THD+N (50 W RMS into 6 Ω)
D Power Efficiency Typically 90% Into 6-Ω Load
D Self-Protecting Design (Undervoltage,
Overtemperature and Short Conditions) With
Error Reporting
D Internal Gate Drive Supply Voltage Regulator
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theatre
D Mini/Micro Component Systems
D Internet Music Appliance
DESCRIPTION
The TAS5112 is a high-performance, integrated stereo
digital amplifier power stage designed to drive 6-
Ω
speakers at up to 50 W per channel. The device
incorporates TI’s PurePath Digital
t technology and is
used with a digital audio PWM processor (TAS50XX) and
a simple passive demodulation filter to deliver high-quality,
high-efficiency, true-digital audio amplification.
The efficiency of this digital amplifier is typically 90%,
reducing the size of both the power supplies and heatsinks
needed.
Overcurrent
protection,
overtemperature
protection, and undervoltage protection are built into the
TAS5112, safeguarding the device and speakers against
fault conditions that could damage the system.
PO − Output Power − W
100m
RL = 6 Ω
TC = 75°C
1
10
100
0.01
0.1
1
THD + NOISE vs OUTPUT POWER
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
1
20k
RL = 6 Ω
TC = 75°C
0.01
THD + NOISE vs FREQUENCY
PO = 50 W
PO = 1 W
PO = 10 W
PurePath Digital and PowerPAD are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Similar Part No. - TAS5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5112 TI1-TAS5112 Datasheet
271Kb / 20P
DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A Datasheet
534Kb / 22P
DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCA TI-TAS5112ADCA Datasheet
534Kb / 22P
DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCAG4 TI-TAS5112ADCAG4 Datasheet
534Kb / 22P
DIGITAL AMPLIIFIER POWER STAGE
TAS5112ADCAR TI-TAS5112ADCAR Datasheet
534Kb / 22P
DIGITAL AMPLIIFIER POWER STAGE
More results

Similar Description - TAS5112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com