Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTNUMBER13 Datasheet(PDF) 23 Page - Texas Instruments

Part # PARTNUMBER13
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER13 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PARTNUMBER13 Datasheet HTML 19Page - Texas Instruments PARTNUMBER13 Datasheet HTML 20Page - Texas Instruments PARTNUMBER13 Datasheet HTML 21Page - Texas Instruments PARTNUMBER13 Datasheet HTML 22Page - Texas Instruments PARTNUMBER13 Datasheet HTML 23Page - Texas Instruments PARTNUMBER13 Datasheet HTML 24Page - Texas Instruments PARTNUMBER13 Datasheet HTML 25Page - Texas Instruments PARTNUMBER13 Datasheet HTML 26Page - Texas Instruments PARTNUMBER13 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing description
All test operations of the SN54LVT18502 and are synchronous to the TCK signal. Data on the TDI, TMS, and
normal-function inputs is captured on the rising edge of TCK. Data appears on the TDO and normal-function
output pins on the falling edge of TCK. The TAP controller is advanced through its states (as shown in Figure 1)
by changing the value of TMS on the falling edge of TCK and then applying a rising edge to TCK.
A simple timing example is shown in Figure 13. In this example, the TAP controller begins in the
Test-Logic-Reset state and is advanced through its states, to perform one instruction-register scan and one
data-register scan. While in the Shift-IR and Shift-DR states, TDI is used to input serial data, and TDO is used
to output serial data. The TAP controller is then returned to the Test-Logic-Reset state. Table 5 details the
operation of the test circuitry during each TCK cycle.
Table 5. Explanation of Timing Example
TCK
CYCLE(S)
TAP STATE
AFTER TCK
DESCRIPTION
1
Test-Logic-Reset
TMS is changed to a logic 0 value on the falling edge of TCK to begin advancing the TAP controller toward
the desired state.
2
Run-Test/Idle
3
Select-DR-Scan
4
Select-IR-Scan
5
Capture-IR
The IR captures the 8-bit binary value 10000001 on the rising edge of TCK as the TAP controller exits the
Capture-IR state.
6
Shift-IR
TDO becomes active and TDI is made valid on the falling edge of TCK. The first bit is shifted into the TAP
on the rising edge of TCK as the TAP controller advances to the next state.
7–13
Shift-IR
One bit is shifted into the IR on each TCK rising edge. With TDI held at a logic 1 value, the 8-bit binary value
11111111 is serially scanned into the IR. At the same time, the 8-bit binary value 10000001 is serially scanned
out of the IR via TDO. In TCK cycle 13, TMS is changed to a logic 1 value to end the IR scan on the next
TCK cycle. The last bit of the instruction is shifted as the TAP controller advances from Shift-IR to Exit1-IR.
14
Exit1-IR
TDO becomes inactive (goes to the high-impedance state) on the falling edge of TCK.
15
Update-IR
The IR is updated with the new instruction (BYPASS) on the falling edge of TCK.
16
Select-DR-Scan
17
Capture-DR
The bypass register captures a logic 0 value on the rising edge of TCK as the TAP controller exits the
Capture-DR state.
18
Shift-DR
TDO becomes active and TDI is made valid on the falling edge of TCK. The first bit is shifted into the TAP
on the rising edge of TCK as the TAP controller advances to the next state.
19–20
Shift-DR
The binary value 101 is shifted in via TDI, while the binary value 010 is shifted out via TDO.
21
Exit1-DR
TDO becomes inactive (goes to the high-impedance state) on the falling edge of TCK.
22
Update-DR
The selected data register is updated with the new data on the falling edge of TCK.
23
Select-DR-Scan
24
Select-IR-Scan
25
Test-Logic-Reset
Test operation completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com