Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTNUMBER01 Datasheet(PDF) 1 Page - Texas Instruments

Part # PARTNUMBER01
Description  3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PARTNUMBER01 Datasheet(HTML) 1 Page - Texas Instruments

  PARTNUMBER01 Datasheet HTML 1Page - Texas Instruments PARTNUMBER01 Datasheet HTML 2Page - Texas Instruments PARTNUMBER01 Datasheet HTML 3Page - Texas Instruments PARTNUMBER01 Datasheet HTML 4Page - Texas Instruments PARTNUMBER01 Datasheet HTML 5Page - Texas Instruments PARTNUMBER01 Datasheet HTML 6Page - Texas Instruments PARTNUMBER01 Datasheet HTML 7Page - Texas Instruments PARTNUMBER01 Datasheet HTML 8Page - Texas Instruments PARTNUMBER01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SN54LVT18502
3.3-V ABT SCAN TEST DEVICE
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS669 – JULY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments SCOPE ™
Family of Testability Products
D Member of the Texas Instruments
Widebus
™ Family
D State-of-the-Art 3.3-V ABT Design Supports
Mixed-Mode Signal Operation (5-V Input
and Output Voltages With 3.3-V VCC)
D Supports Unregulated Battery Operation
Down to 2.7 V
D UBT ™ (Universal Bus Transceiver)
Combines D-Type Latches and D-Type
Flip-Flops for Operation in Transparent,
Latched, or Clocked Mode
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup Resistors
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D SCOPE ™ Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions and Optional CLAMP and
HIGHZ
– Parallel-Signature Analysis at Inputs
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs/Toggle Outputs
– Binary Count From Outputs
– Device Identification
– Even-Parity Opcodes
D Packaged in 68-Pin Ceramic Quad Flat (HV)
Packages Using 25-mil Center-to-Center
Spacings
1B4
1B5
1B6
GND
1B7
1B8
1B9
VCC
NC
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
1A3
1A4
1A5
GND
1A6
1A7
1A8
1A9
NC
VCC
2A1
2A2
2A3
GND
2A4
2A5
2A6
HV PACKAGE
(TOP VIEW)
NC – No internal connection
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
28 29 30 31 32 33 34
87
6
5
4
93
1 68 67
2
35 36 37 38 39
66 65
27
64 63 62 61
40 41 42 43
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SCOPE, Widebus, and UBT are trademarks of Texas Instruments Incorporated.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - PARTNUMBER01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
Partnumber MACOM-Partnumber Datasheet
645Kb / 6P
HF3 Relay
logo
Ohmite Mfg. Co.
PartNumber OHMITE-PartNumber Datasheet
273Kb / 1P
Nichrome resistive element
logo
HALO Electronics, Inc.
PARTNUMBER HALO-PARTNUMBER Datasheet
505Kb / 2P
8P/8C Tab-Down Shielded RJ45 Ethernet Connectors
PARTNUMBER HALO-PARTNUMBER Datasheet
1Mb / 4P
13W, 3.3Vout, Power Transformers Power Over Ethernet
More results

Similar Description - PARTNUMBER01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT18502 TI-SN54LVT18502 Datasheet
405Kb / 29P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18512 TI-SN54LVT18512 Datasheet
588Kb / 36P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A Datasheet
613Kb / 38P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512 Datasheet
562Kb / 36P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18512 TI-SN54LVTH18512_07 Datasheet
703Kb / 38P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18502A TI-SN54LVTH18502A_08 Datasheet
784Kb / 40P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT182502 TI1-SN74LVT182502 Datasheet
509Kb / 36P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18502A-EP TI1-SN74LVTH18502A-EP Datasheet
935Kb / 42P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVT18504 TI1-SN74LVT18504 Datasheet
456Kb / 32P
3.3-V ABT SCAN TEST DEVICE WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74LVTH18512-EP TI1-SN74LVTH18512-EP Datasheet
684Kb / 38P
3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com