Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP6185SE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6185SE
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6185SE Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6185SE Datasheet HTML 1Page - Diodes Incorporated DMP6185SE Datasheet HTML 2Page - Diodes Incorporated DMP6185SE Datasheet HTML 3Page - Diodes Incorporated DMP6185SE Datasheet HTML 4Page - Diodes Incorporated DMP6185SE Datasheet HTML 5Page - Diodes Incorporated DMP6185SE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP6185SE
Document Number DS36465 Rev. 4 - 2
2 of 6
www.diodes.com
January 2014
© Diodes Incorporated
DMP6185SE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
-60
V
Gate-Source voltage
VGS
±20
V
Continuous Drain current (Note 6) VGS = -10V
TA = +25°C
ID
-3
A
TA = +70°C
-2.4
Maximum Body Diode Continuous Current
IS
-2
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-15
A
Single Pulsed Avalanche Current (Note 7)
IAS
-16
A
Single Pulsed Avalanche Energy (Note 7)
EAS
13
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
104
°C/W
t<10s
51
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.2
W
TA = +70°C
1.4
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
60
°C/W
t<10s
30
Thermal Resistance, Junction to Case (Note 6)
RθJC
7.6
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-60
−
−
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
−
−
-1
µA
VDS = -48V, VGS = 0V
Gate-Source Leakage
IGSS
−
−
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1
−
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
−
110
150
mΩ
VGS = -10V, ID = -2.2A
130
185
VGS = -4.5V, ID = -1.8A
Diode Forward Voltage
VSD
−
-0.75
-0.95
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
−
708
−
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
−
39
−
pF
Reverse Transfer Capacitance
Crss
−
32
−
pF
Gate Resistance
Rg
−
17
28
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
−
6.2
−
nC
VDS = -30V, ID = -12A
Total Gate Charge (VGS = -10V)
Qg
−
14
−
nC
Gate-Source Charge
Qgs
−
2.8
−
nC
Gate-Drain Charge
Qgd
−
3.1
−
nC
Turn-On Delay Time
tD(on)
−
5.2
−
ns
VDS = -30V, RL = 2.5Ω
VGS = -10V, RG = 3Ω
Turn-On Rise Time
tr
−
23
−
ns
Turn-Off Delay Time
tD(off)
−
33
−
ns
Turn-Off Fall Time
tf
−
39
−
ns
Body Diode Reverse Recovery Time
trr
−
22
−
ns
IF = -12A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
−
17
−
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. UIS in production with L = 0.1mH, starting TA = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com