Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3012SFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMS3012SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3012SFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMS3012SFG Datasheet HTML 1Page - Diodes Incorporated DMS3012SFG Datasheet HTML 2Page - Diodes Incorporated DMS3012SFG Datasheet HTML 3Page - Diodes Incorporated DMS3012SFG Datasheet HTML 4Page - Diodes Incorporated DMS3012SFG Datasheet HTML 5Page - Diodes Incorporated DMS3012SFG Datasheet HTML 6Page - Diodes Incorporated DMS3012SFG Datasheet HTML 7Page - Diodes Incorporated DMS3012SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DMS3012SFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250
μA
Zero Gate Voltage Drain Current
IDSS
—
—
100
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
1.5
2.5
V
VDS = VGS, ID = 250
μA
Static Drain-Source On-Resistance
RDS (ON)
—
7.3
10
m
Ω
VGS = 10V, ID = 13.5A
—
10
15
VGS = 4.5V, ID = 11A
Forward Transfer Admittance
|Yfs|
—
30
—
S
VDS = 5V, ID = 10.0A
Diode Forward Voltage
VSD
—
0.45
0.55
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
1296
4310
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
415
—
pF
Reverse Transfer Capacitance
Crss
—
204
—
pF
Gate Resistance
Rg
0.26
1.6
2.6
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
—
14.7
—
nC
VDS = 15V, VGS = 10V, ID = 13.5A
Total Gate Charge VGS = 10V
Qg
—
31.6
—
nC
Gate-Source Charge
Qgs
—
3.5
—
nC
Gate-Drain Charge
Qgd
—
5.0
—
nC
Turn-On Delay Time
tD(on)
—
15.8
—
ns
VGS = 10V, VDS = 15V,
RG = 3
Ω, ID = 8.8A
Turn-On Rise Time
tr
—
27.8
—
ns
Turn-Off Delay Time
tD(off)
—
29.7
—
ns
Turn-Off Fall Time
tf
—
13.6
—
ns
Reverse Recovery Time
trr
—
13.1
—
ns
IF = 13.5
A, di/dt = 100A/μs
Reverse Recovery Charge
Qrr
—
4.3
—
nC
IF = 13.5A, di/dt = 1
00A/μs
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
0
0.5
1
1.5
2
Fig. 4 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
10
15
20
25
30
5
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 4.0V
GS
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
Fig. 5 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
V
= 85°C
GS
V
= 125°C
GS
V
= 25°C
GS
V
= -55°C
GS
V
= 150°C
GS
V
= 5V
DS
POWERDI is a registered trademark of Diodes Incorporated.
DMS3012SFG
Document number: DS35441 Rev. 8 - 2
4 of 8
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com