Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS3014SFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMS3014SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3014SFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMS3014SFG Datasheet HTML 1Page - Diodes Incorporated DMS3014SFG Datasheet HTML 2Page - Diodes Incorporated DMS3014SFG Datasheet HTML 3Page - Diodes Incorporated DMS3014SFG Datasheet HTML 4Page - Diodes Incorporated DMS3014SFG Datasheet HTML 5Page - Diodes Incorporated DMS3014SFG Datasheet HTML 6Page - Diodes Incorporated DMS3014SFG Datasheet HTML 7Page - Diodes Incorporated DMS3014SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMS3014SFG
Document number: DS35594 Rev. 6 - 2
2 of 8
www.diodes.com
May 2012
© Diodes Incorporated
DMS3014SFG
Marking Information
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
9.5
7.6
A
t<10s
TA = 25°C
TA = 70°C
ID
13.0
9.7
A
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
9.0
7.4
A
t<10s
TA = 25°C
TA = 70°C
ID
12.2
9.3
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
80
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3.0
A
Avalanche Current (Note 7) L = 0.1mH
IAR
30
A
Repetitive Avalanche Energy (Note 7) L = 0.1mH
EAR
45
mJ
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
131
°C/W
t<10s
72
°C/W
Total Power Dissipation (Note 6)
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
63
°C/W
t<10s
35
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
7.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = 25°C
S29
S29 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 11 = 2011)
WW = Week code (01 ~ 53)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com