Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3204TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3204TL/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3204TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3204TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
EN
20 Ps/DIV
500 mA/DIV
5V/DIV
1V/DIV
5V/DIV
VOUT
VSW
IL
VIN = 4.2V
VOUT = 3.4V
RLOAD = 15:
IL
100 Ps/DIV
200 mA/DIV
5V/DIV
VSW
VOUT
VIN = 4.2V
VOUT = 3.25V
RLOAD = 15:
EN
2V/DIV
2V/DIV
20 Ps/DIV
200 mA
250 mA
50 mA
100 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IL
IOUT
VOUT
20 Ps/DIV
200 mA
300 mA
100 mA
100 mV/DIV
AC Coupled
VIN = 4.2V
VOUT = 3.25V
IL
IOUT
VOUT
0
50
100
150
200
250
300
350
OUTPUT CURRENT (mA)
40
50
60
70
80
90
100
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
0
50
100
150
200
250
300
350
OUTPUT CURRENT (mA)
40
50
60
70
80
90
100
VIN = 4.2V
VIN = 3.6V
VIN = 3.9V
LM3204
SNVS351C – JUNE 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 34, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT = 1.5V, VCON = 0.5V)
(VOUT = 3.25V, VCON = 1.08V)
Figure 15.
Figure 16.
Load Transient Response
Load Transient Response
(VCON = 0.5V)
(VCON = 1.08V)
Figure 17.
Figure 18.
Startup
Shutdown Response
(VCON = 1.13V)
(VCON = 1.08V)
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com