Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3243TMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3243TMX/NOPB
Description  High-Current Step-Down Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243TMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3243TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3243TMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
Feature Description (continued)
7.3.3 Mode Pin
The MODE pin changes the state of the converter to one of the two allowed modes of operation. Setting the
MODE pin HIGH (> 1.2 V) sets the device for automatic transition between pulse frequency modulation (PFM)
and PWM mode operation. In this mode, the converter operates in PFM mode to maintain the output voltage
regulation at very light loads and transitions into PWM mode at loads exceeding 95 mA (typical). The PWM
switching frequency is 2.7 MHz (typical). Setting the MODE pin LOW (< 0.5 V) sets the device for PWM mode
operation. The switching operation is in PWM mode only, and the switching frequency is also 2.7 MHz (typical).
7.3.4 Dynamic Adjustment Of Output Voltage
The output voltage of the LM3243 can be dynamically adjusted by changing the voltage on the VCON pin. In RF
PA applications, peak power is required when the handset is far away from the base station. To maximize the
power savings, the LM3243 output should be set just high enough to achieve the desired PA linearity. Hence,
during low-power requirements, reduction of supply voltage to the PA can reduce power consumption from the
PA, making the operation more efficient and promote longer battery life. Please refer to Setting The Output
Voltage for further details.
7.3.5 Internal Synchronous Rectification
The LM3243 uses an internal NFET as a synchronous rectifier to reduce rectifier forward voltage drop, thus
increasing efficiency. The reduced forward voltage drop in the internal NFET synchronous rectifier significantly
improves efficiency for low output voltage operation. The NFET is designed to conduct through its intrinsic body
diode during the transient intervals, eliminating the need of an external diode.
7.3.6 Current Limit
The LM3243 current limit feature protects the converter during current overload conditions. Both SW and ACB
pins have positive and negative current limits. The positive and negative current limits bound the SW and ACB
currents in both directions. The SW pin has two positive current limits. The ILIM,PFET,SteadyState current limit triggers
the ACB circuit. Once the peak inductor current exceeds ILIM,PFET,SteadyState, the ACB circuit starts assisting the
switcher and provides just enough current to keep the inductor current from exceeding ILIM,PFET,SteadyState allowing
the switcher to operate at maximum efficiency. Transiently a second current limit ILIM,PFET,Transient of 1.9 A (typical)
or 2.1 A (maximum) limits the maximum peak inductor current possible. The output voltage will fall out of
regulation only after both SW and ACB output pin currents reach their respective current limits of ILIM,PFET,Transient
and ILIM,P-ACB.
7.3.7 Timed Current Limit
If the load or output short circuit pulls the output voltage to 0.3 V or lower and the peak inductor current sustains
ILIM, PFET Transient more than 10 µs, the LM3243 switches to a timed current limit mode. In this mode, the
internal PFET switch is turned off. After approximately 30 µs, the device will return to the normal operation.
7.3.8 Thermal Overload Protection
The LM3243 device has a thermal overload protection that protects itself from short-term misuse and overload
conditions. If the junction temperature exceeds 150°C, the LM3243 shuts down. Normal operation resumes after
the temperature drops below 130°C. Prolonged operation in thermal overload condition may damage the device
and is therefore not recommended.
7.4 Device Functional Modes
7.4.1 PWM Operation
When the LM3243 operates in PWM mode, the switching frequency is constant, and the switcher regulates the
output voltage by changing the energy-per-cycle to support the load required. During the first portion of each
switching cycle, the control block in the LM3243 turns on the internal PFET switch. This allows current to flow
from the input through the inductor and to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of (VIN – VOUT)/L, by storing energy in its magnetic field.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com