Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3262TMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3262TMX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3262TMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3262TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3262TMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LM3262
www.ti.com
SNVS875O – AUGUST 2012 – REVISED DECEMBER 2015
Layout Guidelines (continued)
10.1.3 Manufacturing Considerations
The LM3262 package employs a 9-pin, 3-mm × 3-mm array of 250 micron solder balls, with a 0.4-mm pad pitch.
The following simple design rules go a long way to ensuring a good layout:
•
The pad size must be 0.225 ± 0.02 mm, and the solder mask opening must be 0.325 ± 0.02 mm.
•
As a thermal relief, connect to each pad with 7-mil wide, 7-mil long traces, incrementally increasing each
trace to its optimal width. Symmetry is important to ensure the solder bumps re-flow evenly (refer to AN-1112
DSBGA Wafer Level Chip Scale Package (SNVA009)).
10.2 Layout Examples
Figure 29. Simplified LM3262 RF Evaluation Board Schematic
1. Bulk Input Capacitor C2 must be placed closer to LM3262 than C1.
2. Add a 1-nF (C1) on input of LM3262 for high frequency filtering.
3. Bulk Output Capacitor C3 must be placed closer to LM3262 than C4.
4. Add a 1-nF (C4) on output of LM3262 for high frequency filtering.
5. Connect both GND terminals of C1 and C4 directly to system GND layer of phone board.
6. Connect bumps SGND (A2), NC (B2), BPEN (C1) directly to System GND.
7. Use 0402 caps for both C2 and C3 due to better high frequency filtering characteristics over 0603 capacitors.
8. TI has seen some improvement in high-frequency filtering for small bypass caps (C1 and C4) when they are
connected to System GND instead of same ground as PGND. These capacitors should be 01005 case size
for minimum footprint and best high frequency characteristics.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com