Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3401MM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3401MM/NOPB
Description  Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3401MM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3401MM/NOPB Datasheet HTML 4Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 5Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 6Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 7Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 8Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 11Page - Texas Instruments LM3401MM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
R2 =
ILED_RIP x RSNS x 5
40 PA
ILED_RIP =
SNSHYS x 2
RSNS
R2 =
SNSHYS x 5
20 PA
ILED_PK =
ILED_RIP
2
ILED +
RSNS =
VSNS
ILED
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
OUTPUT CURRENT SETTING
The LED average current is programmed using a resistor between SNS and GND, shown as R1 in the typical
application schematic. The SNS resistor (RSNS) can be calculated as follows:
(1)
Where VSNS is 200 mV typically, and ILED is the DC average LED current.
The sense resistor power rating must be higher than its power dissipation. The required power rating can be
calculated (in Watts) as follows:
WRSNS = VSNS x ILED
(2)
When selecting a sense resistor, thermal de-rating must also be taken into consideration.
While RSNS sets the DC LED current, the AC peak LED current will be higher than the DC setting. This peak
current must not be greater than the maximum peak current rating of the LED, ILED_max. Peak LED current can be
calculated from the equation below:
(3)
The LED ripple current, ILED_RIP, is described below in the Hysteresis Adjust section.
HYSTERESIS ADJUST
Adjustable hysteresis (via the HYS pin) provides direct control over the LED ripple current. The HYS pin also
gives some control over the switching frequency. Although the hysteresis value can be set after the inductor is
selected, a preliminary value must be set in order to begin the frequency calculation. The hysteresis window
must be set small enough to keep the peak LED current below its maximum rating, ILED_max.
The maximum SNS pin hysteresis can be calculated as shown:
SNSHYS_MAX = (ILED_max - ILED) x RSNS
(4)
Any SNSHYS value between 10mV and this maximum is acceptable.
The SNSHYS value is set with a single resistor from the HYS pin to GND, shown as R2 in the typical application
schematic. The HYS pin voltage, VHYS, is internally multiplied by SNSHYS_MU (0.2 typical) to generate the
hysteresis at the SNS pin, SNSHYS. The hysteresis setting resistor can be determined from the following
equation:
(5)
Where 20 µA is the typical HYS source current, and SNSHYS is the resulting SNS pin hysteresis voltage. The
hysteresis voltage can be set within a range of 10 mV to 100 mV (50 mV to 500 mV at the HYS pin). The
SNSHYS value defines both the upper and lower threshold of the SNS pin. For example, with a VHYS setting of
100 mV, SNSHYS will be 20 mV. Therefore, the total hysteretic window will be 40 mV, or 20 mV above and 20mV
below the 200 mV reference voltage. This directly correlates to peak-to-peak inductor and LED ripple current,
approximated by the following equation:
(6)
If LED ripple current is a design priority, the preliminary R2 value can be determined using a target LED ripple
current as shown:
(7)
A more precise equation for ripple current is given in the Inductor Selection section. Once an inductor is selected
the more precise equation should be used to determine the actual ripple current and LED peak current. Larger
hysteresis values will result in lower switching frequency and higher ripple current for a given inductor. Typical
examples are shown in Figure 16 below.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com