Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3405 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3405
Description  Constant Current Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3405 Datasheet HTML 9Page - Texas Instruments LM3405 Datasheet HTML 10Page - Texas Instruments LM3405 Datasheet HTML 11Page - Texas Instruments LM3405 Datasheet HTML 12Page - Texas Instruments LM3405 Datasheet HTML 13Page - Texas Instruments LM3405 Datasheet HTML 14Page - Texas Instruments LM3405 Datasheet HTML 15Page - Texas Instruments LM3405 Datasheet HTML 16Page - Texas Instruments LM3405 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
L =
VOUT + VD1
IF x r x fSW
x (1-D)
r =
'iL
lF
D =
VOUT + VD1
VIN + VD1 - VSW
D =
VOUT
VIN
LM3405
www.ti.com
SNVS429B – OCTOBER 2006 – REVISED MAY 2013
DESIGN GUIDE
INDUCTOR (L1)
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VOUT) to input voltage (VIN):
(11)
The catch diode (D1) forward voltage drop and the voltage drop across the internal NMOS must be included to
calculate a more accurate duty cycle. Calculate D by using the following formula:
(12)
VSW can be approximated by:
VSW = IF x RDS(ON)
(13)
The diode forward drop (VD1) can range from 0.3V to 0.7V depending on the quality of the diode. The lower VD1
is, the higher the operating efficiency of the converter.
The inductor value determines the output ripple current (
ΔiL, as defined in Figure 14). Lower inductor values
decrease the size of the inductor, but increases the output ripple current. An increase in the inductor value will
decrease the output ripple current. The ratio of ripple current to LED current is optimized when it is set between
0.3 and 0.4 at 1A LED current. This ratio r is defined as:
(14)
One must also ensure that the minimum current limit (1.2A) is not exceeded, so the peak current in the inductor
must be calculated. The peak current (ILPK) in the inductor is calculated as:
ILPK = IF + ΔiL/2
(15)
When the designed maximum output current is reduced, the ratio r can be increased. At a current of 0.2A, r can
be made as high as 0.7. The ripple ratio can be increased at lighter loads because the net ripple is actually quite
low, and if r remains constant the inductor value can be made quite large. An equation empirically developed for
the maximum ripple ratio at any current below 2A is:
r = 0.387 x IOUT
-0.3667
(16)
Note that this is just a guideline.
The LM3405 operates at a high frequency allowing the use of ceramic output capacitors without compromising
transient response. Ceramic capacitors allow higher inductor ripple without significantly increasing LED current
ripple. See the output capacitor and feed-forward capacitor sections for more details on LED current ripple.
Now that the ripple current or ripple ratio is determined, the inductance is calculated by:
(17)
where fSW is the switching frequency and IF is the LED current. When selecting an inductor, make sure that it is
capable of supporting the peak output current without saturating. Inductor saturation will result in a sudden
reduction in inductance and prevent the regulator from operating correctly. Because of the operating frequency of
LM3405, ferrite based inductors are preferred to minimize core losses. This presents little restriction since the
variety of ferrite based inductors is huge. Lastly, inductors with lower series resistance (DCR) will provide better
operating efficiency. For recommended inductor selection, refer to Circuit Examples and Recommended
Inductance Range in Table 1. Note that it is a good practice to use small inductance value at light load (for
example, IF = 0.2A) to increase inductor current ramp signal, such that noise immunity is improved.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com