Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C596A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VT82C596A
Description  MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C596A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VT82C596A Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82C596A Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82C596A Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82C596A Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C596A Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C596A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VT82C596A
Revision 1.1 December 9, 1998
-1-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
VT82C596 MPIPC
MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
PC98 COMPLIANT PCI-TO-ISA BRIDGE
WITH
ACPI, ENHANCED POWER MANAGEMENT, SMBUS,
DISTRIBUTED DMA, SERIAL IRQ, PLUG AND PLAY,
ULTRADMA-33 MASTER MODE PCI-EIDE CONTROLLER,
USB CONTROLLER, KEYBOARD CONTROLLER, AND RTC
IN A
PIIX4 PIN COMPATIBLE BGA PACKAGE
• Inter-operable with VIA and other Host-to-PCI Bridges
− Combine with VT82C597 for a complete 66MHz Socket-7 PCI / AGP / ISA system (Apollo VP3)
− Combine with VT82C598 for a complete 66 / 75 / 83 / 100MHz Socket-7 PCI / AGP / ISA system (Apollo MVP3)
− Combine with VT82C691 for a complete Socket-8 or Slot-1 PCI / ISA system (Apollo Pro)
− Inter-operable with Intel or other Host-to-PCI bridges for a complete PC97 compliant PCI / AGP / ISA system
• Pin-compatible upgrade for PIIX4 for existing designs
• PC98 Compliant PCI to ISA Bridge
− Integrated ISA Bus Controller with integrated DMA, timer, and interrupt controller
− Integrated Keyboard Controller with PS2 mouse support
− Integrated DS12885-style Real Time Clock with extended 256 byte CMOS RAM and Day/Month Alarm for ACPI
− Integrated USB Controller with root hub and two function ports
− Integrated UltraDMA-33 master mode EIDE controller with enhanced PCI bus commands
− PCI-2.1 compliant with delay transaction
− Eight double-word line buffer between PCI and ISA bus
− One level of PCI to ISA post-write buffer
− Supports type F DMA transfers
− Distributed DMA support for ISA legacy DMA across the PCI bus
− Sideband signal support for PC/PCI and serial interrupt for docking and non-docking applications
− Fast reset and Gate A20 operation
− Edge trigger or level sensitive interrupt
− Flash EPROM, 2Mb EPROM and combined BIOS support
− Supports positive and subtractive decoding
− Supports external APIC interface for symmetrical multiprocessor configurations
• UltraDMA-33 Master Mode PCI EIDE Controller
− Dual channel master mode PCI supporting four Enhanced IDE devices
− Transfer rate up to 33MB/sec to cover PIO mode 4, multi-word DMA mode 2 drives, and UltraDMA-33 interface
− Thirty-two levels (doublewords) of prefetch and write buffers
− Dual DMA engine for concurrent dual channel operation
− Bus master programming interface for SFF-8038i rev.1.0 and Windows-95 compliant
− Full scatter gather capability
− Support ATAPI compliant devices including DVD devices
− Support PCI native and ATA compatibility modes
− Complete software driver support
− Supports glue-less “Swap-Bay” option with full electrical isolation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com