Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VQ2001J Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VQ2001J
Description  P-Channel 30-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ2001J Datasheet(HTML) 4 Page - Vishay Siliconix

  VQ2001J Datasheet HTML 1Page - Vishay Siliconix VQ2001J Datasheet HTML 2Page - Vishay Siliconix VQ2001J Datasheet HTML 3Page - Vishay Siliconix VQ2001J Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VP0300L/LS, VQ2001J/P
Vishay Siliconix
www.vishay.com
11-4
Document Number: 70217
S-04279—Rev. E, 16-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
3.0
2.5
2.0
1.5
1.0
0
0
–4
–8
–12
–16
–20
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-to-Source Voltage (V)
ID = –0.5 A
ID = –0.2 A
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
Threshold Region
–10 K
–1 K
–1
VGS – Gate-Source Voltage (V)
VDS = –10 V
25
_C
–55
_C
100
_C
TJ = 150
_C
–100
–10
THERMAL RATINGS
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1
0.01
0.1
0.01
0.1
1
100
10
1 K
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA, VP0300L Only)
t1 – Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156
_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2
DEVICE MARKINGS
VP0300L
“S” VP
0300L
xxyy
Front View:
VP0300LS
“S” VP
0300LS
xxyy
“S” = Siliconix Logo
f = Factory Code
ll = Lot Traceability
xxyy = Date Code
VQ2001J
VQ2001J
“S”f//xxyy
Top View:
VP0300LS
VQ2001P
“S”f//xxyy



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com