Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD75-48S3.3EB Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # ASD75-48S3.3EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75-48S3.3EB Datasheet(HTML) 4 Page - Astrodyne Corporation

  ASD75-48S3.3EB Datasheet HTML 1Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 2Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 3Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 4Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 5Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 6Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 7Page - Astrodyne Corporation ASD75-48S3.3EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
OPERATING INFORMATION
Enable Pin
The Enable Pin (pin 2) enables the user to control when the converter will turn on or off. This pin is
referenced to –Vin (pin 3). There are two versions available for each converter, positive logic and
negative logic. For positive logic, leaving the Enable pin open or applying TTL/CMOS high voltage level
turns the converter on, while pulling this pin to –Vin or drawing more than 1mA turns it off. The negative
logic is just the inverse. An external semiconductor switch or mechanical switch can be used to
implement this function.
Remote Sense
The remote sense pins +Sense (pin 7) and –Sense (pin 5) allows the converter to correct for voltage drops
across the connections from the converter output pins +/-Vout (pins 8 and 4 respectively) to the intended
load. The +/- Sense pins should be connected at the point in the board where regulation is needed. Figure
3 shows the recommended connection.
Figure 3: Remote Sense connection
The resistive drop across the connections should be small enough since Over Voltage Protection might be
triggered during high load applications. The OVP circuit senses the +/-Vout pins.
Figure 3: Remote Sense Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com