Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8406V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8406V
Description  32-Bit Parallel Error Detection and Correction Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8406V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8406V Datasheet HTML 1Page - National Semiconductor (TI) DP8406V Datasheet HTML 2Page - National Semiconductor (TI) DP8406V Datasheet HTML 3Page - National Semiconductor (TI) DP8406V Datasheet HTML 4Page - National Semiconductor (TI) DP8406V Datasheet HTML 5Page - National Semiconductor (TI) DP8406V Datasheet HTML 6Page - National Semiconductor (TI) DP8406V Datasheet HTML 7Page - National Semiconductor (TI) DP8406V Datasheet HTML 8Page - National Semiconductor (TI) DP8406V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Logic Symbol
TLF9579 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
CB0–CB6
Check Word Bit Input
351083
70 mA b650 mA
or TRI-STATE Output
15040 (333)
b
3 mA24 mA (20 mA)
DB0–DB31
Data Word Bit Input
351083
70 mA b650 mA
or TRI-STATE Output
15040 (333)
b
3 mA24 mA (20 mA)
OEB0–OEB3 Output Enable Data Bits
1010
20 mA b06 mA
LEDBO
Output Latch Enable Data Bit
1010
20 mA b06 mA
OECB
Output Enable Check Bit
1010
20 mA b06 mA
S0 S1
Select Pins
1010
20 mA b06 mA
ERR
Single Error Flag
50333
b
1 mA20 mA
MERR
Multiple Error Flag
50333
b
1 mA20 mA
Connection Diagrams
Pin Assignment
for LCC and PCC
52-Pin
TLF9579 – 3
Order Number DP8406QV (74F632QC)
See NS Package Number V52A
Pin Assignment
for LCC and PCC
68-Pin
TLF9579 – 8
NCNo internal connection
Order Number DP8406V (74F632VC)
See NS Package Number V68A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com