Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8422A Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8422A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8422A Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8422A Datasheet HTML 5Page - National Semiconductor (TI) DP8422A Datasheet HTML 6Page - National Semiconductor (TI) DP8422A Datasheet HTML 7Page - National Semiconductor (TI) DP8422A Datasheet HTML 8Page - National Semiconductor (TI) DP8422A Datasheet HTML 9Page - National Semiconductor (TI) DP8422A Datasheet HTML 10Page - National Semiconductor (TI) DP8422A Datasheet HTML 11Page - National Semiconductor (TI) DP8422A Datasheet HTML 12Page - National Semiconductor (TI) DP8422A Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
30 Programming and Resetting (Continued)
32 PROGRAMMING METHODS
321 Mode Load Only Programming
To use this method the user asserts ML enabling the inter-
nal programming register After ML is asserted a valid pro-
gramming selection is placed on the address bus B0 B1
and ECAS0 inputs then ML is negated When ML is negat-
ed the programming bits are latched into the internal pro-
gramming register and the DP8420A21A22A is pro-
grammed see
Figure 6 When programming the chip the
controller must not be refreshing RFIP must be high (1) to
have a successful programming
322 Chip Selected Access Programming
The chip can also be programmed by performing a chip
selected access To program the chip using this method
ML is asserted then CS is asserted and a valid program-
ming selection is placed on the address bus When AREQ is
asserted the programming bits affecting the wait logic be-
come effective immediately then DTACK is asserted allow-
ing the access to terminate After the access ML is negated
and the rest of the programming bits take effect
TLF8588 – G3
FIGURE 6 ML Only Programming
TLF8588 – G4
FIGURE 7 CS Access Programming
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com