Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC174
Description  High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC174 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC174 Datasheet HTML 1Page - Texas Instruments CD54HC174 Datasheet HTML 2Page - Texas Instruments CD54HC174 Datasheet HTML 3Page - Texas Instruments CD54HC174 Datasheet HTML 4Page - Texas Instruments CD54HC174 Datasheet HTML 5Page - Texas Instruments CD54HC174 Datasheet HTML 6Page - Texas Instruments CD54HC174 Datasheet HTML 7Page - Texas Instruments CD54HC174 Datasheet HTML 8Page - Texas Instruments CD54HC174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS159C
Features
• Buffered Positive Edge Triggered Clock
• Asynchronous Common Reset
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC174 and ’HCT174 are edge triggered flip-flops which
utilize silicon gate CMOS circuitry to implement D-type flip-
flops. They possess low power and speeds comparable to low
power Schottky TTL circuits. The devices contain six master-
slave flip-flops with a common clock and common reset.
Data on the D input having the specified setup and hold
times is transferred to the Q output on the low to high
transition of the CLOCK input. The MR input, when low, sets
all outputs to a low state.
Each output can drive ten low power Schottky TTL
equivalent loads. The ’HCT174 is functional as well as, pin
compatible to the ’LS174.
Pinout
CD54HC174, CD54HCT174
(CERDIP)
CD74HC174, CD74HCT174
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC174F3A
-55 to 125
16 Ld CERDIP
CD54HCT174F3A
-55 to 125
16 Ld CERDIP
CD74HC174E
-55 to 125
16 Ld PDIP
CD74HC174M
-55 to 125
16 Ld SOIC
CD74HC174MT
-55 to 125
16 Ld SOIC
CD74HC174M96
-55 to 125
16 Ld SOIC
CD74HCT174E
-55 to 125
16 Ld PDIP
CD74HCT174M
-55 to 125
16 Ld SOIC
CD74HCT174MT
-55 to 125
16 Ld SOIC
CD74HCT174M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
MR
Q0
D0
D1
Q1
D2
GND
VCC
Q5
D5
D4
Q4
D3
Q3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
Q2
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC174, CD74HC174,
CD54HCT174, CD74HCT174
High-Speed CMOS Logic
Hex D-Type Flip-Flop with Reset
[ /Title
(CD74
HC174
,
CD74
HCT17
4)
/Sub-
ject
(High
Speed
CMOS
Logic
Hex D-
Type
Flip-
Flop


Similar Part No. - CD54HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC174 TI-CD54HC174 Datasheet
422Kb / 14P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC174 TI2-CD54HC174 Datasheet
365Kb / 15P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
Revised October 2003
CD54HC174F TI-CD54HC174F Datasheet
422Kb / 14P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC174F TI2-CD54HC174F Datasheet
365Kb / 15P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
Revised October 2003
CD54HC174F.A TI2-CD54HC174F.A Datasheet
365Kb / 15P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
Revised October 2003
More results

Similar Description - CD54HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
logo
Texas Instruments
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174_08 Datasheet
422Kb / 14P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com