Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS49EUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS49EUA
Description  Linear Hall Effect Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS49EUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS49EUA Datasheet HTML 1Page - SEC Electronics Inc. SS49EUA Datasheet HTML 2Page - SEC Electronics Inc. SS49EUA Datasheet HTML 3Page - SEC Electronics Inc. SS49EUA Datasheet HTML 4Page - SEC Electronics Inc. SS49EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS49E
Linear Hall Effect Sensor
2
V3.10
Nov 1, 2013
Pin Definitions and Descriptions
SOT Pin № SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage (operating)
VCC
8.0
V
Output Current
IOUT
20
mA
Operating Temperature Range
TA
-40~150
°C
Storage Temperature Rang
TS
-65~150
°C
Electrical Characteristics
Operating Parameters
TA =25°C,VCC =5.0 V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating voltage
VCC
Operating
3.0
6.5
V
Supply current
ICC
Average
4.2
8.0
mA
Output Current
IOUT
1.0
1.5
mA
Response Time
Tack
3
uS
Quiescent Output Voltage
Vo
B = 0G
2.25
2.5
2.75
V
Sensitivity
△V
OUT
TA= 25°C
2.0
2.5
3.0
mV/G
Min Output Voltage
B = -1500G
0.86
V
Max Output Voltage
B = 1500G
4.21
V
Linearity(% of Span)
-0.007
Temperature Error
(Null Drift)
-0.10
0.10
%/°C
Sensitivity Drift
TA
≥ 25°C
-0.15
0.05
%/°C
TA < 25°C
-0.04
0.185
%/°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com