Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS118LSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS118LSOT
Description  Unipolar Hall-Effect Digital Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS118LSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS118LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS118LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS118LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS118LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS118LSOT Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS118
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Description
The SS118 is a unipolar Hall-effect sensor IC
fabricated from bipolar technology. The device
integrates a voltage regulator, reverse battery
protection diode, Hall sensor with dynamic offset
cancellation system, temperature compensation
circuitry, small signal amplifier, Schmitt trigger
and an open-collector output to sink up to 25 mA.
With suitable output pull up, they can be used with
bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrat-
ed circuits with tighter magnetic specifications,
designed to operate continuously over extended
temperatures to +150°C,and are more stable with
both temperature and supply voltage changes. The
unipolar
switching
characteristic
makes
these
devices ideal for use with a simple bar or rod
magnet.
Thanks to its wide operating voltage range and
extended choice of temperature range, it is quite
suitable for use in automotive, industrial and
consumer applications.
Glossary of Terms
MilliTesla (mT),Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com