Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS133_1311 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS133_1311
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS133_1311 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS133_1311 Datasheet HTML 1Page - SEC Electronics Inc. SS133_1311 Datasheet HTML 2Page - SEC Electronics Inc. SS133_1311 Datasheet HTML 3Page - SEC Electronics Inc. SS133_1311 Datasheet HTML 4Page - SEC Electronics Inc. SS133_1311 Datasheet HTML 5Page - SEC Electronics Inc. SS133_1311 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS133
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Description
The SS133 is a unipolar Hall-effect sensor IC
fabricated from bipolar technology. The device
integrates a voltage regulator, reverse battery
protection diode, Hall sensor with dynamic offset
cancellation system, temperature compensation
circuitry, small signal amplifier, Schmitt trigger
and an open-collector output to sink up to 50 mA.
With suitable output pull up, they can be used with
bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrat-
ed circuits with tighter magnetic specifications,
designed to operate continuously over extended
temperatures to +150°C,and are more stable with
both temperature and supply voltage changes.
Internal compensation characteristic makes the
sensitivity
increase
slightly
with
temperature
increasing, so that this IC is Particularly suitable to
be used with the commonly low-cost magnets. If a
magnetic flux density larger than threshold Bop,
Output is turned on (low). When a magnetic flux
density reversal falls below Brp, Output will be
turned off (high).
Thanks to its wide operating voltage range,
extended choice of temperature range and high
reliability, it is quite suitable for use in automotive,
industrial and consumer applications.
Glossary of Terms
MilliTesla (mT), Gauss Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com