Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS143KSPT Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS143KSPT
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS143KSPT Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS143KSPT Datasheet HTML 1Page - SEC Electronics Inc. SS143KSPT Datasheet HTML 2Page - SEC Electronics Inc. SS143KSPT Datasheet HTML 3Page - SEC Electronics Inc. SS143KSPT Datasheet HTML 4Page - SEC Electronics Inc. SS143KSPT Datasheet HTML 5Page - SEC Electronics Inc. SS143KSPT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS143
Unipolar Hall-Effect Digital Switch
4
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 3.8V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.8
24
V
Supply Current
IDD
VDD=12V
5
10
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.45
0.6
V
Output Current
ION
B > BOP
10
mA
Output Leakage Current
IOFF
B < BRP
0.1
10
µA
Output Rise Time
tr
VCC=12V, RL = 1.1K
Ω, C
L =
20pF
0.2
1.5
µs
Output Fall Time
tf
VCC=12V, RL = 1.1K
Ω, C
L =
20pF
0.5
1.0
µs
Magnetic Specifications
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SP
Operating Point
BOP
Ta=25°C,Vdd=12V DC
75
120
G
Release Point
BRP
25
80
G
Hysteresis
BHYST
50
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 3.8V to 24V (unless otherwise specified)
Test Conditions (SP)
OUT
B < BRP
High
B > BOP
Low



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com