Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC646ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC646ADBLE
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC646ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC646ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC646ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
SN54LVC646A . . . JT OR W PACKAGE
SN74LVC646A . . . DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
CLKAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
4
3
2 1 28
12 13 14 15 16
OE
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
SN54LVC646A . . . FK PACKAGE
(TOP VIEW)
17 18
27 26
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN54LVC646A, SN74LVC646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS302J – JANUARY 1993 – REVISED AUGUST 2005
•
Operate From 1.65 V to 3.6 V
•
I
off Supports Partial-Power-Down Mode
Operation
•
Inputs Accept Voltages to 5.5 V
•
Latch-Up Performance Exceeds 250 mA Per
•
Max t
pd of 7.4 ns at 3.3 V
JESD 17
•
Typical V
OLP (Output Ground Bounce)
•
ESD Protection Exceeds JESD 22
<0.8 at V
CC = 3.3 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
•
Typical V
OHV (Output VOH Undershoot)
>2 V at V
CC = 3.3 V, TA = 25°C
– 200-V Machine Model (A115-A)
•
Support Mixed-Mode Signal Operation on All
– 1000-V Charged-Device Model (C101)
Ports (5-V Input/Output Voltage With
xxxx
3.3-V V
CC)
The SN54LVC646A octal bus transceiver and register is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC646A octal bus transceiver and register is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC646ADW
SOIC – DW
LVC646A
Reel of 2000
SN74LVC646ADWR
SOP – NS
Reel of 2000
SN74LVC646ANSR
LVC646A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC646ADBR
LC646A
Tube of 60
SN74LVC646APW
TSSOP – PW
Reel of 2000
SN74LVC646APWR
LC646A
Reel of 250
SN74LVC646APWT
CDIP – JT
Tube of 15
SNJ54LVC646AJT
SNJ54LVC646AJT
–55
°C to 125°C
CFP – W
Tube of 85
SNJ54LVC646AW
SNJ54LVC646AW
LCCC – FK
Tube of 42
SNJ54LVC646AFK
SNJ54LVC646AFK
(1)
Package drawings, standard packing quantities, thermal data, symboliztion, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC646ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC646ADB TI-SN74LVC646ADB Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVC646ADBR TI2-SN74LVC646ADBR Datasheet
469Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
SN74LVC646ADBR TI2-SN74LVC646ADBR Datasheet
470Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
SN74LVC646ADBR.B TI2-SN74LVC646ADBR.B Datasheet
469Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
SN74LVC646ADBR.B TI2-SN74LVC646ADBR.B Datasheet
470Kb / 21P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
More results

Similar Description - SN74LVC646ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com