Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS248ESOT Datasheet(PDF) 6 Page - SEC Electronics Inc.

Part # SS248ESOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS248ESOT Datasheet(HTML) 6 Page - SEC Electronics Inc.

Back Button SS248ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 7Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 8Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 9Page - SEC Electronics Inc. SS248ESOT Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SS248
CMOS Omnipolar High Sensitivity Micropower Hall Switch
6
V3.10 Nov 1, 2013
Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage,
which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique
possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated circuitry to be
placed in less space. The small chip size also contributes to lower physical stress and less power consumption.
Installation Comments
Consider temperature coefficients of Hall IC and magnetics , as well as air gap and life time variations. Observe
temperature limits during wave soldering. Typical IR solder-reflow profile:
−
No Rapid Heating and Cooling.
−
Recommended Preheating for max. 2minutes at 150°C
−
Recommended Reflowing for max. 5seconds at 240°C
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro
Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com