Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS239LUA Datasheet(PDF) 8 Page - SEC Electronics Inc.

Part # SS239LUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS239LUA Datasheet(HTML) 8 Page - SEC Electronics Inc.

  SS239LUA Datasheet HTML 1Page - SEC Electronics Inc. SS239LUA Datasheet HTML 2Page - SEC Electronics Inc. SS239LUA Datasheet HTML 3Page - SEC Electronics Inc. SS239LUA Datasheet HTML 4Page - SEC Electronics Inc. SS239LUA Datasheet HTML 5Page - SEC Electronics Inc. SS239LUA Datasheet HTML 6Page - SEC Electronics Inc. SS239LUA Datasheet HTML 7Page - SEC Electronics Inc. SS239LUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS239
CMOS Omnipolar High Sensitivity Micropower Hall Switch
8
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
SOT-23 Package Hall Location:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS239ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS239EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS239KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS239KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS239LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS239LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
0.56
0.66
0.95
1.50
Chip
3
2
1
Bottom View of SOT-23 Package
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com