Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS256EUA Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS256EUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS256EUA Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS256EUA Datasheet HTML 1Page - SEC Electronics Inc. SS256EUA Datasheet HTML 2Page - SEC Electronics Inc. SS256EUA Datasheet HTML 3Page - SEC Electronics Inc. SS256EUA Datasheet HTML 4Page - SEC Electronics Inc. SS256EUA Datasheet HTML 5Page - SEC Electronics Inc. SS256EUA Datasheet HTML 6Page - SEC Electronics Inc. SS256EUA Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS256
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V3.10
Nov 1, 2013
Typical Application Circuit
SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet
orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same
output polarity for either pole face.
It is strongly recommended that an external bypass be connected (in close proximity to the Hall sensor) be-
tween the supply and ground of the device to reduce both external noise and noise generated by the chop-
per-stabilization technique. This is especially true due to the relatively high impedance of battery supplies.
Internal Timing Circuit
Awake Taw: 175
μs
Period
Sleep Tsl: 70ms
Time
Current
0
Isp
Iaw
Iav
Sample & Output
Latched



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com