Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS495 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS495
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS495 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS495 Datasheet HTML 1Page - SEC Electronics Inc. SS495 Datasheet HTML 2Page - SEC Electronics Inc. SS495 Datasheet HTML 3Page - SEC Electronics Inc. SS495 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS495
Linear Hall Effect Sensor
1
V3.10
Nov 1, 2013
Features
─ Miniature construction
─ Low-Noise Output
─ 4.5 V to 6 V Operation
─ Magnetically Optimized Package
─ Linear output for circuit design
flexibility
─ Temperature range of -40 °C to
150 °C
3 pin SIP (suffix UA)
Description
SS495 Linear Hall-effect sensor is a small, ver-
satile linear Hall-effect device that is operated
by the magnetic field from a permanent magnet
or an electromagnet. The linear sourcing output
voltage is set by the supply voltage and varies in
proportion to the strength of the magnetic field.
Specifically, when S495 is in the zero magnetic
field conditions, the output voltage is half of the
supply voltage. When south poles approach the
S495 marking surface, the output voltage will
increase
linearly
with
the
magnetic
field
strength; on the other hand, north pole will
cause output voltage decreases linearly with the
increase in magnetic field strength. The inte-
grated circuitry features low noise output, which
makes it unnecessary to use external filtering. It
also includes thin film resistors to provide in-
creased temperature stability and accuracy. The
linear Hall sensor has an operating temperature
range of -40 °C to 150 °C appropriate for com-
mercial, consumer and industrial environments.
Typical Applications
─ Electric vehicles speed regulation pedal
─ Motion detector
─ Gear sensing
─ Motor control
─ Magnetic code reading
─ Ferrous metal detector
─ Current sensing
─ Position sensing
─ Proximity detector
Functional Block Diagram


Similar Part No. - SS495

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS4954 SENSITRON-SS4954 Datasheet
105Kb / 3P
Zener 5W Voltage Regulator
logo
Honeywell Solid State E...
SS495A HONEYWELL-SS495A Datasheet
550Kb / 4P
Solid State Sensors Miniature Ratiometric Linear
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
SS495A1 HONEYWELL-SS495A1 Datasheet
550Kb / 4P
Solid State Sensors Miniature Ratiometric Linear
logo
Honeywell Accelerometer...
SS495A1-L HONEYWELL-ACC-SS495A1-L Datasheet
653Kb / 5P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - SS495

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com