Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS542KAU Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS542KAU
Description  Hall Latch - High Sensitivity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS542KAU Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS542KAU Datasheet HTML 1Page - SEC Electronics Inc. SS542KAU Datasheet HTML 2Page - SEC Electronics Inc. SS542KAU Datasheet HTML 3Page - SEC Electronics Inc. SS542KAU Datasheet HTML 4Page - SEC Electronics Inc. SS542KAU Datasheet HTML 5Page - SEC Electronics Inc. SS542KAU Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS542
Hall Latch - High Sensitivity
1
V3.10 Nov 1, 2013
Features and Benefits
–
CMOS Hall IC Technology
–
Bipolar Output CMOS Multi-purpose latch
–
Solid-State Reliability much better than reed
switch
–
Operation down to 2.5V
–
Supply current down to 45
μA, very low power
consumption
–
CMOS inverter output (no pull-up resistance)
–
High sensitivity for direct reed switch re-
placement application
Application Examples
–
Solid state switch
–
Magneto-electric conversion switch
–
Magnet proximity sensor for reed switch re-
placement in low duty cycle applications
3 pin TSOT23 (suffix ST)
3 pin SIP (suffix UA)
Functional Block Diagram


Similar Part No. - SS542KAU

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS54 JINANJINGHENG-SS54 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS54 YANGJIE-SS54 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS54 FRONTIER-SS54 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS54 LUGUANG-SS54 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS54 LUGUANG-SS54 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS542KAU

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881 Datasheet
503Kb / 12P
Hall Latch - High Sensitivity
logo
SEC Electronics Inc.
SS569 SECELECTRONICS-SS569 Datasheet
273Kb / 8P
Hall Latch - High Sensitivity
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
Hall Latch - High Sensitivity
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881_12 Datasheet
1Mb / 12P
Hall Latch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com