Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS648 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS648
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS648 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS648 Datasheet HTML 1Page - SEC Electronics Inc. SS648 Datasheet HTML 2Page - SEC Electronics Inc. SS648 Datasheet HTML 3Page - SEC Electronics Inc. SS648 Datasheet HTML 4Page - SEC Electronics Inc. SS648 Datasheet HTML 5Page - SEC Electronics Inc. SS648 Datasheet HTML 6Page - SEC Electronics Inc. SS648 Datasheet HTML 7Page - SEC Electronics Inc. SS648 Datasheet HTML 8Page - SEC Electronics Inc. SS648 Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SS648
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V3.1 Nov 1, 2013
Features
−
Micropower consumption for battery powered applications
−
Omnipolar, output switches with absolute value of North or South pole from magnet
−
Operation down to 2.5V
−
High sensitivity for direct reed switch replacement applications
Applications
−
Solid state switch
−
Handheld Wireless Handset Awake Switch
−
Lid close sensor for battery powered devices
−
Magnet proximity sensor for reed switch replacement in low duty cycle applications
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
General Description
The SS648 Omnipolar Hall effect sensor IC is fabri-
cated from mixed signal CMOS technology .It incor-
porates advanced chopper-stabilization techniques to
provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled
clocking mechanism to cycle power to the Hall ele-
ment and analog signal processing circuits. This
serves to place the high current-consuming portions
of the circuit into a “Sleep” mode. Periodically the
device is “Awakened” by this internal logic and the
magnetic flux from the Hall element is evaluated
against the predefined thresholds. If the flux density
is above or below the Bop/Brp thresholds then the
output transistor is driven to change states according-
ly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been op-
timized for service in applications requiring extended
operating lifetime in battery powered systems.
The output transistor of the SS648 will be latched on
(Bop) in the presence of a sufficiently strong South or
North magnetic field facing the marked side of the
package. The output will be latched off (Brp) in the
absence of a magnetic field.


Similar Part No. - SS648

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS64 FRONTIER-SS64 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS64 ASEMI-SS64 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS64-LFR FRONTIER-SS64-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6401 SSC-SS6401 Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
SS6401SRB SSC-SS6401SRB Datasheet
481Kb / 6P
Step-Down DC/DC Controller with Shutdown
More results

Similar Description - SS648

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com