Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS695 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS695
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS695 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS695 Datasheet HTML 1Page - SEC Electronics Inc. SS695 Datasheet HTML 2Page - SEC Electronics Inc. SS695 Datasheet HTML 3Page - SEC Electronics Inc. SS695 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS695
Linear Hall Effect Sensor
3
V3.10
Nov 1, 2013
Electrical Characteristics
Operation parameters TA =25°C,VCC =5.0V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
Operating
4.5
5
10.5
V
Supply Current
ICC
Average
5
8.0
mA
Output Current
IOUT
1.0
1.5
mA
Response Time
Tack
3
uS
Quiescent Output Voltage
Vo
B = 0G
2.5
V
Sensitivity
△V
out
TA= 25°C
3.0
3.3
3.6
mV/G
Min Output Voltage
B = -700G
0.2
V
Max Output Voltage
B = 700G
4.8
V
Magnetic Field Characteristics
Parameter
Test Conditions
Min
Typ
Max
Units
Sensitivity
TA= 25°C
3.0
3.3
3.6
mV/G
Range of magnetic field strength
±650
±700
G
Linearity
﹣1.0
%
Operating Temperature
-40
+150
°C
Zero drift
﹣0.10
0.10
%/°C
Sensitivity temperature drift
TA
≥ 25°C
﹣0.15
0.05
%/°C
TA< 25°C
﹣0.04
0.185
%/°C
Installation Caution:
1.
Should be installed by minimizing the mechanical stress on the Hall circuit;
2.
On the conditions of ensuring the quality of the welding, the welding temperature and time should
be reduced as far as possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com