Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS732EUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS732EUA
Description  Hall Latch - High Sensitivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732EUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS732EUA Datasheet HTML 1Page - SEC Electronics Inc. SS732EUA Datasheet HTML 2Page - SEC Electronics Inc. SS732EUA Datasheet HTML 3Page - SEC Electronics Inc. SS732EUA Datasheet HTML 4Page - SEC Electronics Inc. SS732EUA Datasheet HTML 5Page - SEC Electronics Inc. SS732EUA Datasheet HTML 6Page - SEC Electronics Inc. SS732EUA Datasheet HTML 7Page - SEC Electronics Inc. SS732EUA Datasheet HTML 8Page - SEC Electronics Inc. SS732EUA Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SS732
Hall Latch - High Sensitivity
3
V3.10 Nov 1, 2013
Pin Definitions and Description
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Detailed General Description
The SS732 exhibits latch magnetic switching characteristics. Therefore, it requires both south and north poles to
operate properly.
The OUT pin of these devices switches low (turns on) when a magnetic field perpendicular to the Hall sensor ex-
ceeds the operate point threshold, BOP. After turn-on, the output voltage is VDSon. Note that the device latches, that
is, a south pole of sufficient strength towards the branded surface of the device turns the device on. The device re-
mains on if the south pole is removed (B
→0). This latching property defines the device as a magnetic memory.
When the magnetic field is reduced below the release point, BRP , the OUT pin turns off (goes high). The differ-
ence in the magnetic operate and release points is the hysteresis, BHYS , of the device. This built-in hysteresis pre-
vents output oscillation near the switching point, and allows clean switching of the output even in the presence of
external mechanical vibration and electrical noise.
The device behaves as a latch with symmetric operating and release switching points (BOP=|BRP|). This means
magnetic fields with equivalent strength and opposite direction drive the output high and low.
Powering-on the device in the hysteresis region (less than BOP and higher than BRP) allows an indeterminate output
state. The correct state is attained after the first excursion beyond BOP or BRP .
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be latched on in the pres-
ence of a sufficiently strong North pole magnetic field applied to the marked face.
0mT
0mT
Output level
Output level
OUT = High
Flux density
OUT = High
BOP
18Gs typ
OUT = Low
OUT = Low
UA package
- Latch characteristic
BOP
18Gs typ
BRP
-18Gs typ
BRP
-18Gs typ
Flux density
SO
package
- Latch characteristic
BHYS
BHYS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com