Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS648LSOT Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS648LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS648LSOT Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS648LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS648LSOT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SS648
CMOS Omnipolar High Sensitivity Micropower Hall Switch
3
V3.1 Nov 1, 2013
Pin Definitions and Descriptions
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Internal Timing Circuit
Awake
Taw:175
μs
Period
Sleep Tsl:70ms
Time
Current
0
Isp
Iaw
Iav
Sample & Out-
put Latched



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com