Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8431V Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8431V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8431V Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP8431V Datasheet HTML 35Page - National Semiconductor (TI) DP8431V Datasheet HTML 36Page - National Semiconductor (TI) DP8431V Datasheet HTML 37Page - National Semiconductor (TI) DP8431V Datasheet HTML 38Page - National Semiconductor (TI) DP8431V Datasheet HTML 39Page - National Semiconductor (TI) DP8431V Datasheet HTML 40Page - National Semiconductor (TI) DP8431V Datasheet HTML 41Page - National Semiconductor (TI) DP8431V Datasheet HTML 42Page - National Semiconductor (TI) DP8431V Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
130 AC Timing Parameters
Two speed selections are given the DP8430V31V32V-20
and the DP8430V31V32V-33 The differences between
the two parts are the maximum operating frequencies of the
input CLKs and the maximum delay specifications Low fre-
quency applications may use the ‘‘-25’’ part to gain im-
proved timing
The AC timing parameters are grouped into sectional num-
bers as shown below These numbers also refer to the tim-
ing diagrams
1 – 36
Common parameters to all modes of operation
50 – 56
Difference parameters used to calculate
RAS low time
RAS precharge time
CAS high time and
CAS low time
100 – 121 Common dual access parameters used for Port
B accesses and inputs and outputs used only in
dual accessing
200 – 212 Refresh parameters
300 – 315 Mode 0 access parameters used in both single
and dual access applications
400 – 416 Mode 1 access parameters used in both single
and dual access applications
450 – 455 Special Mode 1 access parameters which super-
sede the 400 – 416 parameters when dual ac-
cessing
500 – 506 Programming parameters
Unless otherwise stated VCC e 50V g10% 0 k TA k
70 C the output load capacitance is typical for 4 banks of
18 DRAMs per bank including trace capacitance (see Note
2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 10 and WE or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 10 and WE
Note 1
‘‘Absolute Maximum Ratings’’ are the values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Input pulse 0V to 3V tR e tF e 25 ns Input reference point on AC measurements is 15V Output reference points are 24V for High and 08V for Low
Note 3
AC Production testing is done at 50 pF
TLF11118 – 56
FIGURE 34 Clock DELCLK Timing
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com