Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345RIP Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS345RIP
Description  Triple PLL Field Programmable SS VersaClock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS345RIP Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS345RIP Datasheet HTML 1Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 2Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 3Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 4Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 5Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 6Page - Integrated Circuit Systems ICS345RIP Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Triple PLL Field Programmable SS VersaClock Synthesizer
MDS 345 D
6
Revision 090704
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS345
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Measured with 15pF load
Note 2: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55%
Note 3: ICS test mode output occurs for first 170 clock cycles on CLK7 for each PLL powered up. PDTS
transition high on select address change.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
5
27
MHz
Input clock
2
50
MHz
Output Frequency
VDD=3.3 V
0.25
200
MHz
Output Rise Time
tOR
20% to 80%, Note 1
1
ns
Output Fall Time
tOF
80% to 20%, Note 1
1
ns
Duty Cycle
Note 2
40
49-51
60
%
Power-up time
PLL lock-time from
power-up, Note 3
410
ms
PDTS goes high until
stable CLK output,
Spread Spectrum Off,
Note 3
0.2
2
ms
PDTS goes high until
stable CLK output,
Spread Spectrum On,
Note 3
47
ms
One Sigma Clock Period Jitter
Configuration
Dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from Mean.
Configuration
Dependent
+200
ps
Pin-to-Pin Skew
Low Skew Outputs
-250
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com