Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2578AM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2578AM/NOPB
Description  Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2578AM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2578AM/NOPB Datasheet HTML 17Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 18Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 19Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 20Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 21Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 22Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 23Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 24Page - Texas Instruments LM2578AM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
9V
≤ Vin ≤ 15V
R5 = 270
Vo = 12V
C1 = 1820 pF
Io = 100 mA
C2 = 220
μF
Vripple = 50 mV
C3 = 20 pF
fosc = 50 kHz
C4 = 0.0022
μF
R1 = 110k
L1 = 220
μH
R2 = 10k
D1, D2 = 1N5819
R3 = 0.15
Q1 = D44
R4 = 220k
Figure 35. Buck-Boost Regulator
Vin = 5V
R4 = 0.15
Ω
Vo ±12V
C1 = 820 pF
Io = ±40 mA
C2 = 10 pF
fosc = 80 kHz
C3 = 220
μF
R1 = 10 k
Ω
D1, D2, D3 = 1N5819
R2 = 240 k
Ω
T1 = PE-64287
R3 = 240 k
Ω
Figure 36. RS-232 Line Driver Power Supply
Capacitor C1 sets the oscillator frequency and is selected from Figure 14.
Capacitor C2 serves as a compensation capacitor for synchronous operation and a value of 10 to 50 pF should
be sufficient for most applications.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com