Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3525 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3525
Description  Single Port USB Power Switch and Over-Current Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3525 Datasheet(HTML) 3 Page - Texas Instruments

  LM3525 Datasheet HTML 1Page - Texas Instruments LM3525 Datasheet HTML 2Page - Texas Instruments LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM3525
www.ti.com
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
DC Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V, EN = 0V (LM3525-L) or EN = VIN (LM3525-H).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IN to Out pins
RON
On-Resistance
VIN = 5V
80
120
m
Ω
VIN = 2.7V
120
160
IOUT
OUT pins continuous output current
0.5
A
ISC
Short Circuit Output Current
See(1)
0.5
1.0
1.5
A
ILEAK
OUT pins Output Leakage Current
EN = VIN (LM3525-L) or
0.15
10
µA
EN = GND (LM3525-H),
OCTHRESH
Over-current Threshold
2.25
3.2
A
IFO = 10 mA, VIN = 5V
6
25
RFO
FLAG Output Resistance
Ω
IFO = 10 mA, VIN = 2.7V
8
40
IEN
EN/EN Leakage Current
EN/EN = 0V or EN/EN = VIN
−0.5
0.5
µA
VIH
EN/EN Input Voltage
See(2)
2.4
1.9
V
VIL
EN/EN Input Voltage
See(2)
1.7
0.8
V
VUVLO
Under-Voltage Lockout
VIN = Increasing
1.9
V
VIN = Decreasing
1.8
IDDOFF
Supply Current
Switch OFF
0.05
1
µA
IDDON
Supply Current
Switch ON
65
100
µA
ThSD
Overtemperature Shutdown
TJ Increasing
135
°C
Threshold(1)
TJ Decreasing
125
°C
IFH
Error Flag Leakage Current
VFLAG= 5V
0.1
1
µA
(1)
Thermal shutdown will protect the device from permanent damage.
(2)
For the LM3525-L, OFF is EN
≥ 2.4V and ON is EN ≤ 0.8V. For the LM3525-H, OFF is EN ≤ 0.8V and ON is EN ≥ 2.4V
AC Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tr
OUT Rise Time
RL = 10Ω
200
µs
tf
OUT Fall Time
RL = 10Ω
20
µs
tON
Turn on Delay, EN to OUT
RL = 10Ω
200
µs
tOFF
Turn off Delay, EN to OUT
RL = 10Ω
20
µs
tOC
Over Current Flag Delay
RL = 0
1
ms
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com