Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535 Datasheet(HTML) 2 Page - Texas Instruments

  LM3535 Datasheet HTML 1Page - Texas Instruments LM3535 Datasheet HTML 2Page - Texas Instruments LM3535 Datasheet HTML 3Page - Texas Instruments LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Top View
A
B
C
D
E
Bottom View
E
D
C
B
A
1
2
3
4
1
2
3
4
LM3535
SNVS598A – AUGUST 2010 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The LM3535 provides multi-zone Ambient Light Sensing (1 or 2 ALS inputs depending on option) allowing
autonomous backlight intensity control in the event of changing ambient light conditions. A PWM input is also
provided to give the user a means to adjust the backlight intensity dynamically based upon the content of the
display.
The LM3535 provides excellent efficiency without the use of an inductor by operating the charge pump in a gain
of 3/2 or in Pass-Mode. The proper gain for maintaining current regulation is chosen, based on LED forward
voltage, so that efficiency is maximized over the input voltage range.
The LM3535 is available in a tiny 20-bump, 0.4mm pitch, thin DSBGA package.
Connection Diagram
Figure 3. 20 Bump DSBGA Package
Package Number YFQ0020
PIN DESCRIPTIONS
Bump Number
Pin Names
Pin Descriptions
A3
VIN
Input voltage. Input range: 2.7V to 5.5V.
A2
VOUT
Charge Pump Output Voltage
A1, C1, B1, B2
C1+, C1-, C2+, C2-
Flying Capacitor Connections
D3, E3, E4, D4
D1A-D4A
LED Drivers - GroupA
C4, B4
D53, D62
LED Drivers - Configurable Current Sinks. Can be assigned to GroupA or GroupB
LED Driver/ ALS Interrupt - GroupB Current Sink or ALS Interrupt Pin. In ALS Interrupt
B3
D1B / INT
mode, a pull-up resistor is required. A '0’ means a change has occurred, while a ‘1’ means
no ALS adjustment has been made.
C3
D1C / ALS
LED Driver / ALS Input - Indicator LED current sink or Ambient Light Sensor Input
D2
PWM
External PWM Input - Allows the current sinks to be turned on and off at a frequency and
duty cycle externally controlled. Minimum On-Time Pulse Width = 15µsec.
E1
HWEN
Hardware Enable Pin. High = Normal Operation, Low = RESET
C2
SDIO
Serial Data Input/Output Pin
E2
SCL
Serial Clock Pin
GND
(LM3535)
A4
Ground for LM3535 or Ambient Light Sensor B for LM3535-2ALS
ALSB
(LM3535-2ALS)
D1
GND
Ground
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com