Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3535TMX/NOPB
Description  Multi-Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3535TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM3535
www.ti.com
SNVS598A – AUGUST 2010 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN pin voltage
-0.3V to 6.0V
SCL, SDIO, HWEN, PWM pin voltages
-0.3V to (VIN+0.3V)
w/ 6.0V max
IDxx Pin Voltages
-0.3V to (VVOUT+0.3V)
w/ 6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150° C
Maximum Lead Temperature (Soldering)
See(5)
ESD Rating
Human Body Model(6)
2.0kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 125°C (typ.).
(5)
For detailed soldering specifications and information, please refer to Application Note 1112 (SNVA009): DSBGA Wafer Level Chip Scale
Package.
(6)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7)
Operating Rating
(1) (2)
Input Voltage Range
2.7V to 5.5V
LED Voltage Range
2.0V to 4.0V
Junction Temperature (TJ) Range
-30°C to +110°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
110°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA),
40°C/W
DSBGA Package(1)
(1)
Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. For more information, please refer to
Application Note AN-1112 (SNVA009): DSBGA Wafer Level Chip Scale Package.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com