Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550SPX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550SPX/NOPB
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3550SPX/NOPB Datasheet HTML 24Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 25Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 26Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 27Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 28Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 29Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 30Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 31Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
R1 is then:
= 7.959 k
:
(T
R
)
x
:
=
k
100
e
-
+
298
1
273
85
1
E
»
¼
º
0.8V x 7.959 k
:
=
1.8V ± 0.8V
6.367 k
:
(
)
TRIP
- V
BIAS
V
=
1
R
)
TRIP
(
T
R
TRIP
V
e
x
( )
C
25
R
=
T
R
°
298
1
273
+
C
°
T
1
E
-
¹
·
©
§
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
NOTE
The LM3550 is not designed to work with low-voltage, single-cell super-capacitors.
Boost Capacitors
The LM3550 requires 4 external capacitors for proper operation (C1 = C2 = 1µF; CIN = 4.7 µF; COUT = 2.2 µF).
Surface-mount multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR <20 m
Ω typ.). Tantalum capacitors, OS-CON capacitors, and
aluminum electrolytic capacitors are not recommended for use with the LM3550 due to their high ESR, as
compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3550. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over
−55°C to 125°C; X5R: ±15% over −55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM3550.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%,
−20%) and
vary significantly over temperature (Y5V: +22%,
−82% over −30°C to +85°C range; Z5U: +22%, −56% over
+10°C to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance
of only 0.1 µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3550.
The recommended voltage rating for the capacitors is 10V to account for DC bias capacitance losses.
Current Source FET
Choosing the proper current source MOSFET is required to ensure accurate flash current delivery. N-Channel
MOSFETs (NFET) with allowed drain-to-source voltages (VDS) greater than 5.5V are required. In order to prevent
damage to the current source NFET, special attention must be given to the pulsed-current rating of the MOSFET.
The NFET must be sized appropriately to handle the desired flash current and flash duration. Most MOSFET
manufacturers provide curves showing the NFET's pulsed performance in the electrical characteristics section of
their datasheets. A MOSFET's performance rating at temperature, primarily temperatures greater than 40°C,
must also be investigated to ensure NFET does not become thermally damaged during a flash pulse. An NFET
possessing low RDSON values helps improve the efficiency of the flash pulse.
ALD/TEMP Components
NTC SELECTION
NTC thermistors have a temperature-to-resistance relationship of:
(11)
where
β is given in the thermistor datasheet and R25°C is the thermistor's value at +25°C. R1 in is chosen so that
it is equal to:
(12)
where RT(TRIP) is the thermistors value at the temperature trip point, VBIAS is shown in the Thermistor Resistive
Divider Response vs. Temperature graph below, and VTRIP = 800 mV (typ.). Choosing R1 here gives a more
linear response around the temperature trip voltage. For example, with VBIAS = 1.8V and a thermistor whose
nominal value at +25°C is 100 k
Ω and a β = 4500K, the trip point is chosen to be +85°C. The value of R(T) at
85°C is:
(13)
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com