Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553SDX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553SDX/NOPB
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553SDX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3553SDX/NOPB Datasheet HTML 9Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 10Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 11Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 12Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 13Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 14Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 15Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 16Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
1
bit7
1
bit6
1
bit5
1
bit4
FD3
bit3
FD2
bit2
FD1
bit1
FD0
bit0
MSB
LSB
FLASH Duration Control
Register Address: 0xC0
1
bit7
FC6
bit6
FC5
bit5
FC4
bit4
FC3
bit3
FC2
bit2
FC1
bit1
FC0
bit0
MSB
LSB
FLASH Current Control
Register Address: 0xB0
1
bit7
0
bit6
0
bit5
TC4
bit4
TC3
bit3
TC2
bit2
TC1
bit1
TC0
bit0
MSB
LSB
TORCH Current Control
Register Address: 0xA0
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
Torch Current Control Register
TC6-TC0: Sets Torch current level for D1 and D2. xxx1 1111 = Fullscale
Flash Current Control Register
FC6-FC0: Sets Flash current level for D1 and D2. x111 1111 = Fullscale
Current Level Equation
The Full-Scale Flash Current Level is set through the use of an external resistor (RSET) connected to the ISET pin.
The RSET selection equation can be used to set the current through each of the two current sinks, D1 and D2.
RSET = 6770 × 1.24V ÷ IDx
Table 2. RSET Selection Table
IFlash = ID1 + ID2
RSET
500mA
33.6k
Ω
600mA
28k
Ω
1A
16.8k
Ω
1.2A
14k
Ω
The current through each current sink, D1 and D2, can be approximated by the following equation using the
values stored in either the Torch or Flash Current Control registers.
IFLASH≊
≊ (N + 1) × ILED_TOTAL ÷ 128
where N is the decimal equivalent number (0
≤ N ≤ 127 for Flash and 0 ≤ N ≤ 31 for Torch) stored in the Torch or
Flash Current control registers and ILED_TOTAL = ID1 + ID2 @ Full-scale. Brightness codes 0 through 4 are repeated
and each sets the total LED current to approximately 40mA.
Flash Safety Timer Control Register
FD3-FD0: Sets Flash Duration for D1 and D2. 1111 = Fullscale
Safety Timer Duration Code (Binary)
Typical Safety Timer Duration (milliseconds)
0000
50
0001
100
0010
200
0011
300
0100
400
0101
500
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com