Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYA50N65C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXYA50N65C3
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA50N65C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXYA50N65C3 Datasheet HTML 1Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 2Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 3Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 4Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 5Page - IXYS Corporation IXYA50N65C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYA50N65C3 IXYP50N65C3
IXYH50N65C3
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
5
1015
20
25303540
45
5055
RG (Ω)
0
1
2
3
4
5
6
7
8
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 36A
I C = 72A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
5
1015
20
25303540
455055
RG (Ω)
0
80
160
240
320
400
480
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 72A
I C = 36A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
0.0
0.4
0.8
1.2
1.6
2.0
2.4
15
20
25
30
35
40
45
50
55
60
65
70
75
IC (A)
0
1
2
3
4
5
6
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
25
50
75
100
125
150
TJ (ºC)
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
IC = 36A
I C = 72A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
10
20
30
40
50
60
70
80
90
15
20
25
30
35
40
45
50
55
60
65
70
75
IC (A)
40
60
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
25
50
75
100
125
150
TJ (ºC)
40
60
80
100
120
140
160
t f i
td(off) - - - -
RG = 5Ω , VGE = 15V
VCE = 400V
I C = 72A
I C = 36A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com