Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYN100N120C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYN100N120C3
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN100N120C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYN100N120C3 Datasheet HTML 1Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 2Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 3Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 4Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 5Page - IXYS Corporation IXYN100N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYN100N120C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
SOT-227B miniBLOC (IXYN)
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
30
52
S
C
ies
6000
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
353
pF
C
res
130
pF
Q
g(on)
270
nC
Q
ge
I
C = 100A, VGE = 15V, VCE = 0.5 • VCES
50
nC
Q
gc
93
nC
t
d(on)
32
ns
t
ri
90
ns
E
on
6.50
mJ
t
d(off)
123
ns
t
fi
110
ns
E
off
2.90
5.00
mJ
t
d(on)
32
ns
t
ri
90
ns
E
on
10.10
mJ
t
d(off)
140
ns
t
fi
125
ns
E
off
3.55
mJ
R
thJC
0.18 °C/W
R
thCS
0.05
°C/W
Inductive load, T
J = 25°C
I
C = 100A, VGE = 15V
V
CE = 0.5 • VCES, RG = 1Ω
Note 2
Inductive load, T
J = 125°C
I
C = 100A, VGE = 15V
V
CE = 0.5 • VCES, RG = 1Ω
Note 2
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com