Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXYP8N90C3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYP8N90C3
Description  900V XPTTM IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP8N90C3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXYP8N90C3 Datasheet HTML 1Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 2Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 3Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 4Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 5Page - IXYS Corporation IXYP8N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYY8N90C3
IXYP8N90C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
2
4
6
8
10
12
14
16
00.5
11.5
22.5
33.5
VCE - Volts
VGE = 15V
13V
12V
8V
10V
7V
9V
11V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
12V
9V
13V
10V
7V
11V
8V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
2
4
6
8
10
12
14
16
0
0.5
11.5
2
2.5
33.5
44.5
VCE - Volts
9V
8V
7V
6V
10V
VGE = 15V
13V
12V
11V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 8A
I C = 4A
I C = 16A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 16A
TJ = 25ºC
8A
4A
Fig. 6. Input Admittance
0
2
4
6
8
10
12
14
16
18
20
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com