Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1050ESOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1050ESOT
Description  Unipolar Hall-Effect Digital Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1050ESOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1050ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS1050ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS1050ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS1050ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS1050ESOT Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS1050
Unipolar Hall-Effect Digital Switch
1
V3.10
Nov 1, 2013
Packages
Features and Benefits
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
–
4.5V to 24V Operation
–
-40°C to 150°C Superior temperature operation
–
Bipolar technology
–
Open-collector 25 mA output
–
Reverse battery protection
–
Small Size SOT23 3L or SIP 3L
–
Solid-state reliability
–
Resistant to physical stress
–
Activate with small, commercially available
Permanent magnets
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Linear position detection
–
Proximity detection
General Description
The SS1050 is a unipolar Hall-effect sensor IC
fabricated
from
bipolar
technology.
The
device
integrates a voltage regulator, reverse battery protection
diode, Hall sensor with dynamic offset cancellation
system, temperature compensation circuitry, small
signal amplifier, Schmitt trigger and an open-collector
output to sink up to 25 mA. With suitable output pull
up, they can be used with bipolar or CMOS logic
circuits.
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to
operate continuously over extended temperatures to +150°C, and are more stable with both temperature and supply
voltage changes. The unipolar switching characteristic makes these devices ideal for use with a simple bar or rod
magnet.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) or in a Plastic Single In Line ( SIP 3L flat). Both 3-lead
packages are RoHS compliant.
VDD
OUT
Voltage
Regulatr
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS1050ESOT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS1050 FORMOSA-SS1050 Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SS1050 SHUNYE-SS1050 Datasheet
542Kb / 3P
SCHOTTKY BARRIER DIODE
V2.22
SS1050 SHUNYE-SS1050 Datasheet
533Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
First Silicon Co., Ltd
SS1050C FS-SS1050C Datasheet
155Kb / 2P
Schottky Rectifier
logo
SAMYANG ELECTRONICS CO....
SS1050FL SAMYANG-SS1050FL Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - SS1050ESOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com