Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1139 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1139
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1139 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1139 Datasheet HTML 1Page - SEC Electronics Inc. SS1139 Datasheet HTML 2Page - SEC Electronics Inc. SS1139 Datasheet HTML 3Page - SEC Electronics Inc. SS1139 Datasheet HTML 4Page - SEC Electronics Inc. SS1139 Datasheet HTML 5Page - SEC Electronics Inc. SS1139 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS1139
Unipolar Hall-Effect Digital Switch
2
V3.10
Nov 1, 2013
General
Description
The SS1139 is a unipolar Hall-effect sensor IC fab-
ricated from bipolar technology. The device inte-
grates a voltage regulator, reverse battery protec-
tion diode, Hall sensor with dynamic offset can-
cellation system, temperature compensation cir-
cuitry, small signal amplifier, Schmitt trigger and
an open-collector output to sink up to 50 mA.
With suitable output pull up, they can be used with
bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrat-
ed circuits with tighter magnetic specifications, de-
signed to operate continuously over extended tem-
peratures to +150°C,and are more stable with both
temperature and supply voltage changes. Internal
compensation characteristic makes the sensitivity
increase slightly with temperature increasing, so
that this IC is Particularly suitable to be used with
the commonly low-cost magnets. If a magnetic flux
density larger than threshold Bop, Output is turned
on (low). When a magnetic flux density reversal
falls below Brp, Output will be turned off (high).
Thanks to its wide operating voltage range, ex-
tended choice of temperature range and high relia-
bility, it is quite suitable for use in automotive, in-
dustrial and consumer applications.
Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the
output driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the
output driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com